전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1155B 데이터시트(PDF) 2 Page - Silicon Touch Technology Inc.

부품명 ST1155B
상세설명  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1155B 데이터시트(HTML) 2 Page - Silicon Touch Technology Inc.

  ST1155B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1155B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1155B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1155B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1155B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1155B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1155B Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1155B
ST1155B_SSOP16_A05.doc
Version: A.05
-1-
ST1155B
Low-saturation, Low-voltage
Bi-directional Motor Driver
General Specifications
The device is a two-channel low-saturation bi-directional motor driver IC. The design is
optimal for stepper-motor applications, such as cameras, printers, FDDs, or other portable
devices.
Features and Benefits
Low voltage operation ( VDD min = VS1 min = VS2 min = 1.5V )
Low saturation voltage ( Upper transistor + low transistor residual voltage; 0.3V typ. at
400mA; 0.6V typ. at 750mA)
Parallel connection ( two-channel driver: Upper transistor + low transistor residual ; 0.4V
typ. at 800mA )
Separate control logic power supply and motor driver power supply
High output sinking and driving capability
Thin, highly reliable package (SSOP-16)
Pin Assignment
1
2
3
4
5
6
7
16
15
14
13
12
11
10
VDD
ENA1
O1
VS1
VS1
O2
IN1
GND
ENA2
O3
VS2
VS2
O4
IN2
8
9
GND
VREF


유사한 부품 번호 - ST1155B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
More results

유사한 설명 - ST1155B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
   Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
   Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com