전자부품 데이터시트 검색엔진 |
|
AM15CW-2415SZ 데이터시트(PDF) 2 Page - AIMTEC |
|
AM15CW-2415SZ 데이터시트(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM15CW-Z 15Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11 2 of 4 North America only Isolation Specifications Parameters Conditions Typical Maximum Units Tested I/O voltage 3 sec 1600 VDC Case to Input 3 sec 1600 VDC Case to Output 3 sec 1600 VDC Resistance >1000 MOhm Capacitance 1200 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Cross Regulation (Dual Output Models) 25% load on one output - 100% load on second load ±5 % Over voltage protection Zener Diode Clamp 120 % Over current protection Full Load 170 % Short Circuit protection Continuous Short circuit restart Auto-Recovery Line voltage regulation HL-LL ±0.2 % Load voltage regulation (Single) 0% to 100% load ±0.5 % Load voltage regulation (Dual) 0% to 100% balanced load ±1 % Temperature coefficient ±0.02 %/ oC Ripple & Noise 20MHz Bandwidth 100 mV p-p Voltage adjustment range Trim - Single output models only 10 % General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 375 KHz Operating temperature With derating above +55°C -40 to +85 oC Storage temperature -40 to +125 oC Maximum case temperature 100 oC Derating 2.6 %/ oC Cooling Free air convection Humidity 95 % RH Case material Nickel-coated copper Weight 18 g Dimensions (L x W x H) 1.00 x 1.00 x 0.40 inches 25.40 x 25.40 x 10.16 mm MTBF > 560,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) Maximum soldering temperature 1.5mm from case for 10 sec 260 oC Transient recovery time Load step change 75% to 50% to 25% 250 µS Transient recovery deviation Load step change 75% to 50% to 25% ±3 % Safety Specifications Parameters Agency Approvals CE Standards EN 55022 Class A EN 61000-4-2 Perf. Criteria A EN 61000-4-3 Perf. Criteria A EN 61000-4-4 Perf. Criteria A (external 220uF/100V cap required) EN 61000-4-5 Perf. Criteria A (external 220uF/100V cap required) EN 61000-4-6 Perf. Criteria A EN 61000-4-8 Perf. Criteria A NOTE: also designed to meet IEC/EN 60950-1 |
유사한 부품 번호 - AM15CW-2415SZ |
|
유사한 설명 - AM15CW-2415SZ |