전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM100HB-4848S-UZ 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM100HB-4848S-UZ
상세설명  100 Watt | Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM100HB-4848S-UZ 데이터시트(HTML) 3 Page - AIMTEC

  AM100HB-4848S-UZ Datasheet HTML 1Page - AIMTEC AM100HB-4848S-UZ Datasheet HTML 2Page - AIMTEC AM100HB-4848S-UZ Datasheet HTML 3Page - AIMTEC AM100HB-4848S-UZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM100HB-UZ
100 Watt | Half Brick DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 054e R3.D
3 of 4
North America only
Derating:
020
40
60
80
100
80
60
40
20
0
Safe
Operating
Area
85
Ambient Temperature º C
A
B
C
D
100
E
A
Free Air
B
100 LFM
C
200 LFM
D
300 LFM
E
400 LFM
Typical Application:
Aimtec’s half brick models can operate independently. However, to enhance their performance and to ensure precision of the
output signal parameters the following connections are recommended:
Output Ripple and Noise Measurement test setup:
Please refer to our Application note: Ripple and Noise Measurement of Brick & POL DC-DC Converters.
ON/OFF Control:
The converter output can be disabled by moving SW to position “a” –
connected to –Vin with voltage level between -0.7 and 0.4V.
When SW is open in position “b”, the converter is ON and operates
normally.


유사한 부품 번호 - AM100HB-4848S-UZ

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Transys Electronics
AM100 TRSYS-AM100 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM100 COMCHIP-AM100 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
AM100-G COMCHIP-AM100-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Power-One
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
More results

유사한 설명 - AM100HB-4848S-UZ

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
AIMTEC
AM150HB-UZ AIMTEC-AM150HB-UZ Datasheet
425Kb / 4P
   150 Watt | Half Brick DC-DC Converter
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com