전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM15C-4815DZ 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM15C-4815DZ
상세설명  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15C-4815DZ 데이터시트(HTML) 3 Page - AIMTEC

  AM15C-4815DZ Datasheet HTML 1Page - AIMTEC AM15C-4815DZ Datasheet HTML 2Page - AIMTEC AM15C-4815DZ Datasheet HTML 3Page - AIMTEC AM15C-4815DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM15C-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11
3 of 4
North America only
Safety Specifications
Parameters
Agency Approvals
CE
EN 55022 Class A
EN 61000-4-2 Perf. Criteria A
EN 61000-4-3 Perf. Criteria A
EN 61000-4-4 Perf. Criteria A (external 220uF/100V cap required)
EN 61000-4-5 Perf. Criteria A (external 220uF/100V cap required)
EN 61000-4-6 Perf. Criteria A
EN 61000-4-8 Perf. Criteria A
Standards
NOTE: also designed to meet IEC 60950-1:2001
Test Circuits
Notes
1. Input filter (C1, C2, L) are needed to meet conducted emission (EN 55022 Class A) and should be mounted as close as possible to the
converter.
Pin Out Specifications
Pin
Single
Dual
1
+ V input
+ V input
2
- V input
- V input
3
On/Off Control
On/Off Control
4
+ V output
+ V output
5
Trim
Common
6
- V output
- V output
DC/DC
Converter
+V input
- V input
+V output
-V output
Load
C2
2.2uF/100V
C1
2.2uF/100V
L 12uH
+
-


유사한 부품 번호 - AM15C-4815DZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM15C-4815DZ AIMTEC-AM15C-4815DZ Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
More results

유사한 설명 - AM15C-4815DZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com