전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT43WG 데이터시트(PDF) 1 Page - Zowie Technology Corporation

부품명 BAT43WG
상세설명  SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZOWIE [Zowie Technology Corporation]
홈페이지  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT43WG 데이터시트(HTML) 1 Page - Zowie Technology Corporation

  BAT43WG Datasheet HTML 1Page - Zowie Technology Corporation BAT43WG Datasheet HTML 2Page - Zowie Technology Corporation BAT43WG Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT42WG/BAT43WG
SCHOTTKY
DIODES
FEATURES
Low Forward Voltage Drop
Fast Switching Time
Surface Mount Package Ideally Suited for Automatic Insertion
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
BAT42WG/BAT43WG
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Blocking
Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current
IFM
200
mA
Repetitive Peak Forward Current @t<1.0s
IFRM
500
mA
Peak forward surge current @<10ms
IFSM
4.0
A
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient
RθJA
500
/W
Storage temperature
TSTG
-55~+125
Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V (BR)R
30
V
IR=10μA
VF
1.0
V
IF=200mA
VF
0.4
V
IF=10mA
VF
0.65
V
IF=50mA
VF
0.26
0.33
V
IF=2mA
All Types
BAT42WG
Forward voltage
BAT42WG
BAT43WG
BAT43WG
VF
0.45
V
IF=15mA
Reverse current
IR
0.5
μA
VR=25V
Capacitance between terminals
CT
10
pF
VR=1.0V,f=1.0MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Zowie Technology Corporation
1
2
SOD-123
ANODE
CATHODE
1
2
Zowie Technology Corporation
REV. 0


유사한 부품 번호 - BAT43WG

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BAT43W CDIL-BAT43W Datasheet
300Kb / 4P
   SILICON PLANAR SCHOTTKY DIODES
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAT43W PANJIT-BAT43W Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Tak Cheong Electronics ...
BAT43W TAK_CHEONG-BAT43W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

유사한 설명 - BAT43WG

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com