전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3018W 데이터시트(PDF) 4 Page - Weitron Technology

부품명 2SK3018W
상세설명  N-Channel POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SK3018W 데이터시트(HTML) 4 Page - Weitron Technology

  2SK3018W Datasheet HTML 1Page - Weitron Technology 2SK3018W Datasheet HTML 2Page - Weitron Technology 2SK3018W Datasheet HTML 3Page - Weitron Technology 2SK3018W Datasheet HTML 4Page - Weitron Technology 2SK3018W Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
30-Oct-09
2SK3018W
WEITRON
http://www.weitron.com.tw
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta=25°C
Pulsed
VGS=4V
0V
Fig.10 Reverse drain current vs.
source-drain voltage (
ΙΙ )
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0.5
0.2
0.5
1
2
5
10
20
50
5
10
20
Fig.11 Typical capacitance vs.
drain-source voltage
Ciss
Coss
Crss
Ta=25
°C
f=1MHZ
VGS=0V
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5
1
2
5
10
20
50
50
100
200
1000
2
100
Fig.12 Switching characteristics
(See Figures 13 and 14 for
the measurement circuit
and resultant waveforms)
Ta=25°C
VDD=5V
VGS=5V
RG=10
Pulsed
td(off)
tr
td(on)
tf
Switching characteristics measurement circuit
Fig.13 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.14 Switching time waveforms


유사한 부품 번호 - 2SK3018W

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SK3018W FOSHAN-2SK3018W Datasheet
1Mb / 6P
   N-Channel MOSFET in a SOT-323 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
2SK3018W YFWDIODE-2SK3018W Datasheet
560Kb / 3P
   N-channel MOSFET
logo
SHIKUES Electronics
2SK3018W SKTECHNOLGY-2SK3018W Datasheet
427Kb / 2P
   N-channel MOSFET
logo
Shanghai Leiditech Elec...
2SK3018W LEIDITECH-2SK3018W Datasheet
1Mb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
2SK3018W-SOT323 YFWDIODE-2SK3018W-SOT323 Datasheet
1Mb / 3P
   N-channel MOSFET
More results

유사한 설명 - 2SK3018W

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com