전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-45D16CB641KF-C75 데이터시트(PDF) 7 Page - Elpida Memory

부품명 MC-45D16CB641KF-C75
상세설명  16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16CB641KF-C75 데이터시트(HTML) 7 Page - Elpida Memory

Back Button MC-45D16CB641KF-C75 Datasheet HTML 3Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 4Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 5Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 6Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 7Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 8Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 9Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 10Page - Elpida Memory MC-45D16CB641KF-C75 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Data Sheet E0034N10
7
AC Characteristics (Recommended Operating Conditions unless otherwise noted)
Test Conditions
Parameter
Symbol
Value
Unit
Notes
Input Reference voltage (Input timing measurement reference level)
VREF
VDDQ x 0.5
V
Termination voltage (Output timing measurement reference level)
VTT
VREF
V
1
High level ac input voltage
VIH(ac)
VREF + 0.31
V
Low level ac input voltage
VIL(ac)
VREF
− 0.31
V
Input differential voltage (CK0 - CK2 and /CK0 - /CK2)
VID(ac)
0.7
V
Input signal slew rate
SLEW
1
V/ns
2
Notes 1. Output waveform timing is measured where the output signal crosses through the VTT level.
2. Slew rate is to be maintained in the VIL (ac) to VIH(ac) range of the input signal swing. SLEW = (VIH(ac)-
VIL(ac))/
∆t
Output
RT = 50
CLOAD = 30 pF
VTT


유사한 부품 번호 - MC-45D16CB641KF-C75

제조업체부품명데이터시트상세설명
logo
NEC
MC-45D16CB641KF-C75 NEC-MC-45D16CB641KF-C75 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

유사한 설명 - MC-45D16CB641KF-C75

제조업체부품명데이터시트상세설명
logo
NEC
MC-45D16CB641 NEC-MC-45D16CB641 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CD641 ELPIDA-MC-45D32CD641 Datasheet
184Kb / 16P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com