전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4942GP 데이터시트(PDF) 1 Page - Shanghai Lunsure Electronic Tech

부품명 1N4942GP
상세설명  1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENYI [Shanghai Lunsure Electronic Tech]
홈페이지  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4942GP 데이터시트(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4942GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4942GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4942GP Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4942GP
THRU
1N4948GP
1 Amp Glass
Passivated Fast
Recovery Rectifier
200 - 1000 Volts
DO-41
Features
Low Leakage Current
Metalurgically Bonded Construction
Low Cost
Fast Switching For High Efficiency
Glass Passivated Junction
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 50
°C/W Junction To Ambient
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4942GP
---
200V
140V
200V
1N4944GP
---
400V
280V
400V
1N4946GP
---
600V
420V
600V
1N4947GP
---
800V
560V
800V
1N4948GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
200
µA
TJ = 25
°C
TJ = 150
°C
Maximum Reverse
Recovery Time
1N4942-4944
1N4946-4947
1N4948
Trr
150ns
250ns
500ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com


유사한 부품 번호 - 1N4942GP

제조업체부품명데이터시트상세설명
logo
General Semiconductor
1N4942GP GE-1N4942GP Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
First Components Intern...
1N4942GP FCI-1N4942GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
1N4942GP VISHAY-1N4942GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Gulf Semiconductor
1N4942GP GULFSEMI-1N4942GP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
More results

유사한 설명 - 1N4942GP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
DLFR106 MCC-DLFR106_11 Datasheet
473Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
DLFR106 MCC-DLFR106 Datasheet
93Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
1N4942 MCC-1N4942 Datasheet
81Kb / 3P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Micro Commercial Compon...
1N4942 MCC-1N4942_13 Datasheet
451Kb / 4P
   1 Amp Fast Recovery Rectifier 200 to 1000 Volts
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com