전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX79C2V7 데이터시트(PDF) 4 Page - Shanghai Lunsure Electronic Tech

부품명 BZX79C2V7
상세설명  500mW Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENYI [Shanghai Lunsure Electronic Tech]
홈페이지  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BZX79C2V7 데이터시트(HTML) 4 Page - Shanghai Lunsure Electronic Tech

  BZX79C2V7 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BZX79C2V7 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech BZX79C2V7 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech BZX79C2V7 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
11V-91V NONREPETITIVE
1.8V-10V NONREPETITIVE
RECTANGULAR
WAVEFORM
TJ =25°C PRIOR TO
INITIAL PULSE
Figure 4a. Maximum Surge Power 1.8–91 Volts
1000
700
500
300
200
100
70
50
30
20
10
7
5
3
2
1
0.01
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
Figure 4b. Maximum Surge Power DO-204AH
100–200 Volts
1000
500
200
100
50
20
10
1
2
5
0.1
0.2
0.5
1
2
5
10
20
50 100
IZ, ZENER CURRENT (mA)
Figure 5 Effect of Zener Current on
Zener Impedance
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
3
5
7
10
20 30
50 70 100
VZ, ZENER VOLTAGE (VOLTS)
Figure 6. Effect of Zener Voltage on Zener Impedance
Figure 7. Typical Forward Characteristics
RECTANGULAR
WAVEFORM, TJ =25°C
100-200VOLTS NONREPETITIVE
TJ =25°C
iZ(rms)=0.1 IZ(dc)
f=60Hz
IZ =1mA
5mA
20mA
TJ =25°C
iZ(rms)=0.1 IZ(dc)
f=60Hz
VZ =2.7V
47V
27V
6.2V
VF, FORWARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MINIMUM
MAXIMUM
150°C
75°C
0°C
25°C
BZX79C2V4 thru BZX79C33
www.cnelectr .com


유사한 부품 번호 - BZX79C2V7

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BZX79C2V7 FAIRCHILD-BZX79C2V7 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C2V7 NJSEMI-BZX79C2V7 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C2V7 EIC-BZX79C2V7 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C2V7 TSC-BZX79C2V7 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
First Components Intern...
BZX79C2V7 FCI-BZX79C2V7 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

유사한 설명 - BZX79C2V7

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com