전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4454 데이터시트(PDF) 3 Page - Shanghai Lunsure Electronic Tech

부품명 DL4454
상세설명  silicon switching diode 500 mw 75volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENYI [Shanghai Lunsure Electronic Tech]
홈페이지  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DL4454 데이터시트(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  DL4454 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DL4454 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech DL4454 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DL4454
1
100
4
0
100
200
300
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
MilliAmps
Cycles
2
6
10 20
60 80
40
400
500
600
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - NanoAmperesversus
Junction Temperature -
°C
TJ
40
60
200
100
NanoAmps
20
120
40
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
TA=25
°C
400
600
1000
140
TA=100
°C
www.cnelectr.com


유사한 부품 번호 - DL4454

제조업체부품명데이터시트상세설명
logo
Dc Components
DL4454 DCCOM-DL4454 Datasheet
259Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
   Silicon Switching Diode 500 mW 75 Volt
DL4454 MCC-DL4454 Datasheet
182Kb / 4P
   Silicon Switching Diode 500 mW 75 Volt
DL4454 MCC-DL4454_11 Datasheet
182Kb / 4P
   Silicon Switching Diode 500 mW 75 Volt
More results

유사한 설명 - DL4454

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
   Silicon Switching Diode 500 mW 75 Volt
DL4454 MCC-DL4454_11 Datasheet
182Kb / 4P
   Silicon Switching Diode 500 mW 75 Volt
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
   150mW 75Volt Switching Diode
BAS716 MCC-BAS716 Datasheet
328Kb / 3P
   225mW 75Volt Switching Diode
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
BAW56 MCC-BAW56_11 Datasheet
165Kb / 3P
   350mW 75Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
   350mw 75volt dual switching diode
logo
Micro Commercial Compon...
BAW56 MCC-BAW56_13 Datasheet
213Kb / 3P
   350mW 75Volt Dual Switching Diode
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
   500 mW Zener Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com