전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD914 데이터시트(PDF) 1 Page - Shanghai Lunsure Electronic Tech

부품명 MMBD914
상세설명  350mW 100volts silicon epitaxial diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENYI [Shanghai Lunsure Electronic Tech]
홈페이지  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MMBD914 데이터시트(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MMBD914 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MMBD914 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD914
350mW 100 Volt
Silicon Epitaxial Diode
SOT-23
Suggested Solder
Pad Layout
Features
Low Current Leakage
Low Cost
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 357K/W Junction To Ambient
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Peak Reverse
Voltage
VRM
100V
Average Rectified
Current
IO
150mA
Resistive Load
f > 50Hz
Power Dissipation
PTOT
350mW
Junction
Temperature
TJ
175
°C
Peak Forward Surge
Current
IFSM
1.0A
t=1s,Non-Repetitive
Maximum
Instantaneous
Forward Voltage
VF
.855V
IFM = 10mA;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
TJ = 25
°C
VR =20Volts
Typical Junction
Capacitance
CJ
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 6V
RL=100
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
5 D
C
A
Pin Configuration
Top View
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


유사한 부품 번호 - MMBD914

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
logo
Transys Electronics
MMBD914 TRSYS-MMBD914 Datasheet
113Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
MMBD914 WTE-MMBD914 Datasheet
59Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Sangdest Microelectroni...
MMBD914 SMC-MMBD914 Datasheet
94Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
MMBD914 BILIN-MMBD914 Datasheet
123Kb / 4P
   High-speed switching diode
More results

유사한 설명 - MMBD914

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
MMBD7000 CHENYI-MMBD7000 Datasheet
45Kb / 2P
   350mW 100volts dual switching diode
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
   350mW 100volt silicon epitaxial diode
logo
Micro Commercial Compon...
MMBD914 MCC-MMBD914_11 Datasheet
172Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148 Datasheet
88Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD914 MCC-MMBD914 Datasheet
80Kb / 2P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148-TP MCC-MMBD4148-TP Datasheet
198Kb / 4P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_11 Datasheet
162Kb / 4P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_13 Datasheet
198Kb / 4P
   350mW 100 Volt Silicon Epitaxial Diode
MMBD914 MCC-MMBD914_13 Datasheet
200Kb / 3P
   350mW 100 Volt Silicon Epitaxial Diode
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B_10 Datasheet
401Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com