전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC5347B 데이터시트(PDF) 3 Page - Weitron Technology

부품명 BC5347B
상세설명  General Purpose Transistor NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC5347B 데이터시트(HTML) 3 Page - Weitron Technology

  BC5347B Datasheet HTML 1Page - Weitron Technology BC5347B Datasheet HTML 2Page - Weitron Technology BC5347B Datasheet HTML 3Page - Weitron Technology BC5347B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
WE IT R ON
BC5347B
http://www.weitron.com.tw
FIG.5 Capacitances
VR, REVERSE VOLTAGE (VOLTS)
0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
10
7.0
5.0
3.0
2.0
1.0
Cib
TA=25 C
Cob
0.5 0.7 1.0
2.0
3.0
5.0
7.0
10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
FIG.6 Current-Gain- Bandwidth Product
400
300
200
100
80
60
40
20
30
VCE=10V
TA= 25 C
FIG.1 Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
VCE=10V
TA=25 C
FIG.2 "Saturation" And "On" Voltage
IC, COLLECTOR CURRENT (mAdc)
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA=25 C
VBE(sat)@IC/BC=10
VBE(ON)@VCE= 10V
VCE(sat)@IC/BC=10
FIG.3 Collector Saturation Region
IB, BASE CURRENT (mA)
TA=25 C
IC= 200mA
IC=-50mA
IC= 20mA
IC=
10mA
IC= 100mA
0.02
0.1
1.0
10
20
2.0
1.6
1.2
0.8
0.4
0
-55 C to +125 C
1.0
1.2
1.6
2.0
2.4
2.8
0.2
1.0
10
100
IC, COLLECTOR CURRENT (mA)
FIG.4 Base-Emitter Temperature Coefficient


유사한 부품 번호 - BC5347B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC53-10PA NXP-BC53-10PA Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC53-10PA NXP-BC53-10PA Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC53-10PA NXP-BC53-10PA Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BC53-10PA NEXPERIA-BC53-10PA Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
BC53-10PAS NEXPERIA-BC53-10PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
More results

유사한 설명 - BC5347B

제조업체부품명데이터시트상세설명
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com