전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-45V16AB642 데이터시트(PDF) 11 Page - Elpida Memory

부품명 MC-45V16AB642
상세설명  16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45V16AB642 데이터시트(HTML) 11 Page - Elpida Memory

Back Button MC-45V16AB642 Datasheet HTML 7Page - Elpida Memory MC-45V16AB642 Datasheet HTML 8Page - Elpida Memory MC-45V16AB642 Datasheet HTML 9Page - Elpida Memory MC-45V16AB642 Datasheet HTML 10Page - Elpida Memory MC-45V16AB642 Datasheet HTML 11Page - Elpida Memory MC-45V16AB642 Datasheet HTML 12Page - Elpida Memory MC-45V16AB642 Datasheet HTML 13Page - Elpida Memory MC-45V16AB642 Datasheet HTML 14Page - Elpida Memory MC-45V16AB642 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
'DWD 6KHHW E0027N10
11
MC-45V16AB642
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written
80H
1
0
0
0
0
0
0
0
128 bytes
into serial PD memory
1
Total number of bytes of serial PD
08H
0
0
0
0
1
0
0
0
256 bytes
memory
2
Fundamental memory type
08H
0
0
0
0
1
0
0
0
VC DRAM
3
Number of row addresses
0DH
0
0
0
0
1
1
0
1
13 rows
4
Number of column addresses
08H
0
0
0
0
1
0
0
0
8 columns
5
Number of banks
01H
0
0
0
0
0
0
0
1
1 bank
6
Data width
40H
0
1
0
0
0
0
0
0
64 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface standard
01H
0
0
0
0
0
0
0
1
LVTTL
9
Read latency (/CAS latency) = 2
-A75
75H
0
1
1
1
0
1
0
1
7.5 ns
cycle time
10
Read latency (/CAS latency) = 2
-A75
54H
0
1
0
1
0
1
0
0
5.4 ns
access time
11
DIMM configuration type
00H
0
0
0
0
0
0
0
0
None
12
Refresh rate / type
80H
1
0
0
0
0
0
0
0
Normal
13
VC DRAM width
08H
0
0
0
0
1
0
0
0
×8
14
Error checking DRAM width
00H
0
0
0
0
0
0
0
0
None
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
04H
0
0
0
0
0
1
0
0
4
17
Number of banks on each VC DRAM
02H
0
0
0
0
0
0
1
0
2 banks
18
Read latency (/CAS latency) supported
02H
0
0
0
0
0
0
1
0
2
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
VC DRAM module attributes
00H
0
0
0
0
0
0
0
0
22
VC DRAM device attributes : general
0EH
0
0
0
0
1
1
1
0
23-26
00H
0
0
0
0
0
0
0
0
27
tRP (MIN.)
-A75
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD (MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
29
tAPD (MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
30
tRAS (MIN.)
-A75
34H
0
0
1
1
0
1
0
0
52.5 ns


유사한 부품 번호 - MC-45V16AB642

제조업체부품명데이터시트상세설명
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A10 NEC-MC-45V16AD641EF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A75 NEC-MC-45V16AD641EF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641KF-A10 NEC-MC-45V16AD641KF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641KF-A75 NEC-MC-45V16AD641KF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

유사한 설명 - MC-45V16AB642

제조업체부품명데이터시트상세설명
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com