전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFP6N70 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSFP6N70
상세설명  StarMOST Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP6N70 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSFP6N70 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP6N70 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSFP6N70
StarMOS
T Power MOSFET
Electrical Characteristics @TJ=25
ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
700
V
VGS=0V,ID=250
μA
△V(BR)DSS/△TJ Breakdown Voltage Temp.Coefficient
0.78
V/
ْC Reference to 25ْC,ID=1mA
RDS(on)
Static Drain-to-Source On-resistance
1.1
1.4
Ω VGS=10V,ID=3.25A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS=VGS,ID=250
μA
gfs
Forward Transconductance
6.0
S
VDS=50V,ID=3.25A
25
VDS=700V,VGS=0V
IDSS
Drain-to-Source Leakage current
250
μA
VDS=560V,VGS=0V,TJ=150
ْC
Gate-to-Source Forward leakage
100
VGS=20V
IGSS
Gate-to-Source Reverse leakage
-100
nA
VGS=-20V
Qg
Total Gate Charge
38
Qgs
Gate-to-Source charge
6.2
Qgd
Gate-to-Drain("Miller") charge
15
nC
ID=6.5A
VDS=560V
VGS=10V See Fig.6 and 13
td(on)
Turn-on Delay Time
45
60
tr
Rise Time
130
td(off)
Turn-Off Delay Time
170
tf
Fall Time
71
nS
VDD=50V
ID=6.5A
RG=25
LD
Internal Drain Inductance
4.5
LS
Internal Source Inductance
7.5
nH
Between lead,
6mm(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
1075
Coss
Output Capacitance
130
Crss
Reverse Transfer Capacitance
15
pF
VGS=0V
VDS=25V
f
=1.0MHZ See Figure 5
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
6.5
ISM
Pulsed Source Current
.
(Body Diode)
28
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
1.4
V
TJ=25
ْC,IS=6.5A,VGS=0V ④
trr
Reverse Recovery Time
250
nS
Qrr
Reverse Recovery Charge
3.5
nC
TJ=25
ْC,IF=6.5A
di/dt=100A/
μs ④
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
① Repetitive rating;pulse width limited by
③ ISD≤6.5A,di/dt≤200A/μS,VDD≤V(BR)DSS,
max.junction temperature(see figure 11)
TJ≤25
ْ C
L = 29mH, IAS = 6.5 A, VDD = 50V,
④ Pulse width≤300μS; duty cycle≤2%
RG = 25
, Starting TJ = 25°C
2


유사한 부품 번호 - SSFP6N70

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSFP6N10 GOOD-ARK-SSFP6N10 Datasheet
202Kb / 2P
   StarMOST Power MOSFET
SSFP6N40 GOOD-ARK-SSFP6N40 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP6N80 GOOD-ARK-SSFP6N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP6N90 GOOD-ARK-SSFP6N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results

유사한 설명 - SSFP6N70

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSFP5N45 GOOD-ARK-SSFP5N45 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP8N25 GOOD-ARK-SSFP8N25 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP1N65 GOOD-ARK-SSFP1N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP7N65 GOOD-ARK-SSFP7N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N80 GOOD-ARK-SSFP8N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP2N70 GOOD-ARK-SSFP2N70 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP3N50 GOOD-ARK-SSFP3N50 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP5N80 GOOD-ARK-SSFP5N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP6N90 GOOD-ARK-SSFP6N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP18N20 GOOD-ARK-SSFP18N20 Datasheet
202Kb / 2P
   StarMOST Power MOSFET
SSFP4N90 GOOD-ARK-SSFP4N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com