전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA158G 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 BA158G
상세설명  Glass Passivated Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BA158G 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  BA158G Datasheet HTML 1Page - GOOD-ARK Electronics BA158G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
3. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
87
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
High temperature metallurgically bonded construction
For use in high frequency rectifier circuits
Fast switching for high efficiency
Glass passivated cavity-free junction
Capable of meeting environmental standards of MIL-S-19500
1.0 Ampere operation at T
A=55
oC with no thermal runaway
Typical I
R less than 0.1uA
High temperature soldering guaranteed:
350oC/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC DO-204AL (DO-41), molded plastic over glass
body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.33 gram
G
9
5
1
A
B
u
r
h
t
G
7
5
1
A
B
s
r
e
i
f
i
t
c
e
R
y
r
e
v
o
c
e
R
t
s
a
F
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
e
r
e
p
m
A
0
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
0
4
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
SG
7
5
1
A
BG
8
5
1
A
BG
D
9
5
1
A
BG
9
5
1
A
Bs
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
0
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
0
A
5
5
=
oC
I
)
V
A
(
F
0
.
1p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
0
1
T
t
a
d
a
o
l
d
e
t
a
r
A
5
2
=
oC
I
M
S
F
0
.
0
2s
p
m
A
A
0
.
1
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
3
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
T
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
A
5
2
=
oC
I
R
0
.
5
uA
)
1
e
t
o
N
(
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
Mt
r
r
0
5
10
5
20
0
5
nS
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
5
1
pF
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
0
.
5
5
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Ratings at 25oC ambient temperature unless otherwise specified.


유사한 부품 번호 - BA158G

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BA158G LRC-BA158G Datasheet
51Kb / 2P
   FAST GPP DIODES
logo
Zibo Seno Electronic En...
BA158G ZSELEC-BA158G Datasheet
85Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Taiwan Semiconductor Co...
BA158G TSC-BA158G Datasheet
244Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
Microdiode Electronics ...
BA158G CHENDA-BA158G Datasheet
585Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
BA158G TSC-BA158G Datasheet
66Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

유사한 설명 - BA158G

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
BA157G GOOD-ARK-BA157G_15 Datasheet
172Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
BA157 GOOD-ARK-BA157_15 Datasheet
177Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
1F1G GOOD-ARK-1F1G_15 Datasheet
159Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
RL101FG GOOD-ARK-RL101FG_15 Datasheet
156Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1N4942G GOOD-ARK-1N4942G_15 Datasheet
169Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 1.0 Ampere
1F1G GOOD-ARK-1F1G Datasheet
158Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
FR101G GOOD-ARK-FR101G_15 Datasheet
166Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
SF11 GOOD-ARK-SF11_15 Datasheet
197Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1S1G GOOD-ARK-1S1G_15 Datasheet
192Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
FR101 KINGTRONICS-FR101 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com