전자부품 데이터시트 검색엔진 |
|
SLA6827M 데이터시트(PDF) 3 Page - Sanken electric |
|
SLA6827M 데이터시트(HTML) 3 Page - Sanken electric |
3 / 13 page High Voltage 3-Phase Motor Driver SLA6827M 3 VCC 2 LIN1 VCC1 HIN 1 COM1 VB1 HO 3 HS 3 LIN2 LIN3 FO COM 2 LO 1 LO 2 LO 3 M MC U 15 V HVIC LVIC HIN 2 HIN 3 VB2 VB3 HO 2 HO 1 HS 1 HS 2 10 11 14 5 3 6 7 8 24 13 12 14 17 15 23 22 19 18 20 21 2 9 VREG 16 NOTE: ▪ All of the input pins are connected to GND with internal pull-down resistors rated at 100 kΩ, however, an external pull-down resistor may be required to secure stable condition of the inputs if high impedance conditions are applied to them. ▪ The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions from external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further reduction of noise susceptibility is necessary. Typical Application Diagram Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com |
유사한 부품 번호 - SLA6827M |
|
유사한 설명 - SLA6827M |