전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6862M 데이터시트(PDF) 11 Page - Sanken electric

부품명 SMA6862M
상세설명  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6862M 데이터시트(HTML) 11 Page - Sanken electric

Back Button SMA6862M Datasheet HTML 5Page - Sanken electric SMA6862M Datasheet HTML 6Page - Sanken electric SMA6862M Datasheet HTML 7Page - Sanken electric SMA6862M Datasheet HTML 8Page - Sanken electric SMA6862M Datasheet HTML 9Page - Sanken electric SMA6862M Datasheet HTML 10Page - Sanken electric SMA6862M Datasheet HTML 11Page - Sanken electric SMA6862M Datasheet HTML 12Page - Sanken electric SMA6862M Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
High Voltage 3-Phase Motor Driver
SMA6862M
11
WARNING — These devices are designed to be operated at lethal voltages and energy levels. Circuit designs
that embody these components must conform with applicable safety requirements. Precautions must be
taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between adjacent products, and
shorts to the heatsink.
Remarks About Using Silicone Grease with a Heatsink
When silicone grease is used in mounting this product on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce stress.
Volatile-type silicone greases may permeate the product and
produce cracks after long periods of time, resulting in reduced
heat radiation effect, and possibly shortening the lifetime of the
product.
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials, Inc.
SC102
Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method
Torque When Tightening Mounting Screws. The recommended tightening
torque for this product package type is: 58.8 to 78.4 N•cm (6.0 to
8.0 kgf•cm).
Soldering
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C 10 s
380±5°C
5 s
Soldering iron should be at a distance of at least 1.5 mm from the
body of the products
Electrostatic Discharge
When handling the products, operator must be grounded.
Grounded wrist straps worn should have at least 1 M
Ω of
resistance to ground to prevent shock hazard.
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
When soldering the products, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the products.
The products should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.


유사한 부품 번호 - SMA6862M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6862M SANKEN-SMA6862M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
SMA6862MH SANKEN-SMA6862MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
SMA6862MZ SANKEN-SMA6862MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results

유사한 설명 - SMA6862M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com