전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-3090KM 데이터시트(PDF) 4 Page - Allegro MicroSystems

부품명 SI-3090KM
상세설명  Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3090KM 데이터시트(HTML) 4 Page - Allegro MicroSystems

  SI-3090KM Datasheet HTML 1Page - Allegro MicroSystems SI-3090KM Datasheet HTML 2Page - Allegro MicroSystems SI-3090KM Datasheet HTML 3Page - Allegro MicroSystems SI-3090KM Datasheet HTML 4Page - Allegro MicroSystems SI-3090KM Datasheet HTML 5Page - Allegro MicroSystems SI-3090KM Datasheet HTML 6Page - Allegro MicroSystems SI-3090KM Datasheet HTML 7Page - Allegro MicroSystems SI-3090KM Datasheet HTML 8Page - Allegro MicroSystems SI-3090KM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7
sReference Data
Copper Foil Area-Thermal Resistance
Copper Foil Area-Power Dissipation
• Obtaining Junction Temperature
Temperature of lead part of GND terminal: Measure TC
with thermocouple. Substitute value to the following for-
mula to obtain the junction temperature
Tj=PD
× θj–C + TC
(
θj–C = 6°C/W)
qSI-3000KM Series
Case temperature
measurement point
10
100
1000
40
50
60
70
80
90
100
Copper Foil Area (mm2)
Glass-epoxy substrate : 30
×30mm
Glass-epoxy substrate : 30
×30mm
0
0.5
1
1.5
Ta=25
°C
40
°C
60
°C
85
°C
10
100
1000
Copper Foil Area (mm2)
sExample of Soldering Pattern Design
5.88
0.8
0.47
1.27
6.1
6.0
2.4
2.5
(Unit : mm)


유사한 부품 번호 - SI-3090KM

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
logo
Sanken electric
SI-3090KM SANKEN-SI-3090KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3090KM-TL ALLEGRO-SI-3090KM-TL Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
More results

유사한 설명 - SI-3090KM

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com