전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1579 데이터시트(PDF) 7 Page - Silan Microelectronics Joint-stock

부품명 SD1579
상세설명  Hall IC Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD1579 데이터시트(HTML) 7 Page - Silan Microelectronics Joint-stock

  SD1579 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD1579 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.11.11
Http://www.silan.com.cn
Page 7 of 7
PACKAGE OUTLINE
TO-94
UNIT: mm
MOS DEVICES OPERATE NOTES:
Electrostatic charges may exist in many things. Please take following preventive measures to prevent effectively
the MOS electric circuit as a result of the damage which is caused by discharge:
l
The operator must put on wrist strap which should be earthed to against electrostatic.
l
Equipment cases should be earthed.
l
All tools used during assembly, including soldering tools and solder baths, must be earthed.
l
MOS devices should be packed in antistatic/conductive containers for transportation.
Disclaimer:
Silan reserves the right to make changes to the information herein for the improvement of the design and performance
without further notice! Customers should obtain the latest relevant information before placing orders and should verify
that such information is complete and current.
All semiconductor products malfunction or fail with some probability under special conditions. When using Silan products
in system design or complete machine manufacturing, it is the responsibility of the buyer to comply with the safety
standards strictly and take essential measures to avoid situations in which a malfunction or failure of such Silan products
could cause loss of body injury or damage to property.
Silan will supply the best possible product for customers!


유사한 부품 번호 - SD1579

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SD1571D3W LEIDITECH-SD1571D3W Datasheet
840Kb / 3P
   Mobile Phones and Accessories
SD1571P6W LEIDITECH-SD1571P6W Datasheet
3Mb / 3P
   1-Line Uni-directional TVS Diode
More results

유사한 설명 - SD1579

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
   FAN MOTOR DRIVER IC
TA8462F TOSHIBA-TA8462F_06 Datasheet
306Kb / 10P
   FAN MOTOR DRIVER IC
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com