전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8313TRPbF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF8313TRPbF
상세설명  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8313TRPbF 데이터시트(HTML) 5 Page - International Rectifier

  IRF8313TRPbF Datasheet HTML 1Page - International Rectifier IRF8313TRPbF Datasheet HTML 2Page - International Rectifier IRF8313TRPbF Datasheet HTML 3Page - International Rectifier IRF8313TRPbF Datasheet HTML 4Page - International Rectifier IRF8313TRPbF Datasheet HTML 5Page - International Rectifier IRF8313TRPbF Datasheet HTML 6Page - International Rectifier IRF8313TRPbF Datasheet HTML 7Page - International Rectifier IRF8313TRPbF Datasheet HTML 8Page - International Rectifier IRF8313TRPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF8313PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
175
TA, Ambient Temperature (°C)
0
2
4
6
8
10
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250μA
ID = 25μA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τι (sec)
0.1396039
0.000010
0.4048955
0.000030
0.5273926
0.000020
1.2084906
0.001289
1.5779475
0.000340
7.0394610
0.009747
18.0102679
27.798341
33.5929564
0.575346
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci i
/Ri
Ci=
τi/Ri
τa
τ4
τ4
R4
R4
τ5
τ5
R5
R5
τ6
τ6
R6
R6
τ7
τ7
R7
R7
τ8
τ8
R8
R8


유사한 부품 번호 - IRF8313TRPbF

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
IRF8313TR UMW-IRF8313TR Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - IRF8313TRPbF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com