전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8721PBF 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRF8721PBF
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8721PBF 데이터시트(HTML) 8 Page - International Rectifier

  IRF8721PBF Datasheet HTML 1Page - International Rectifier IRF8721PBF Datasheet HTML 2Page - International Rectifier IRF8721PBF Datasheet HTML 3Page - International Rectifier IRF8721PBF Datasheet HTML 4Page - International Rectifier IRF8721PBF Datasheet HTML 5Page - International Rectifier IRF8721PBF Datasheet HTML 6Page - International Rectifier IRF8721PBF Datasheet HTML 7Page - International Rectifier IRF8721PBF Datasheet HTML 8Page - International Rectifier IRF8721PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF8721PbF
8
www.irf.com
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
SO-8 Part Marking Information
P = DISGNATES LEAD - FREE
EXAMPLE: THIS IS AN IRF7101 (MOSFET)
F7101
XXXX
INTERNATIONAL
LOGO
RECTIFIER
PART NUMBER
LOT CODE
PRODUCT (OPTIONAL)
DATE CODE (YWW)
Y = LAST DIGIT OF THE YEAR
WW = WEEK
A = ASSEMBLY SITE CODE
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 B AS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 B AS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MIL L IMETER S
INCH E S
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 B AS IC
0.635 B AS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
CA B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
8X 1.78 [.070]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO
A SUBSTRATE.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


유사한 부품 번호 - IRF8721PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8721PBF-1 IRF-IRF8721PBF-1 Datasheet
213Kb / 9P
   HEXFETPower MOSFET
IRF8721PBF-1 IRF-IRF8721PBF-1 Datasheet
213Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8721PBF-1 IRF-IRF8721PBF-1_15 Datasheet
213Kb / 9P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF8721PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com