전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8788PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF8788PBF
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8788PBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF8788PBF Datasheet HTML 1Page - International Rectifier IRF8788PBF Datasheet HTML 2Page - International Rectifier IRF8788PBF Datasheet HTML 3Page - International Rectifier IRF8788PBF Datasheet HTML 4Page - International Rectifier IRF8788PBF Datasheet HTML 5Page - International Rectifier IRF8788PBF Datasheet HTML 6Page - International Rectifier IRF8788PBF Datasheet HTML 7Page - International Rectifier IRF8788PBF Datasheet HTML 8Page - International Rectifier IRF8788PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF8788PbF
6
www.irf.com
Fig 13. Maximum Avalanche Energy
vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 15b. Switching Time Waveforms
Fig 15a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 14b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 14a. Unclamped Inductive Test Circuit
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
2
3
4
5
6
7
TJ = 25°C
TJ = 125°C
ID = 19A
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
I D
TOP
6.4A
7.4A
BOTTOM
19A


유사한 부품 번호 - IRF8788PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF-1 IRF-IRF8788PBF-1 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8788PBF-1 IRF-IRF8788PBF-1_15 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8788PBF IRF-IRF8788PBF_15 Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

유사한 설명 - IRF8788PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com