전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2018D1YZFR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2018D1YZFR
상세설명  3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2018D1YZFR 데이터시트(HTML) 5 Page - Texas Instruments

  TPA2018D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
OPERATING CHARACTERISTICS
TPA2018D1
IN+
IN–
OUT+
OUT–
V
DD
V
DD
GND
C
I
C
I
Measurement
Output
+
+
Load
30kHz
Low-Pass
Filter
Measurement
Input
+
1 F
m
TPA2018D1
www.ti.com ................................................................................................................................................................................................ SLOS592 – AUGUST 2009
at TA = 25°C, VDD = 3.6V, EN = 1.3 V, RL = 8 Ω +33 µH, and AV = 6 dB (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
kSVR
power-supply ripple rejection ratio
VDD = 3.6 Vdc with ac of 200 mVPP at 217 Hz
–70
dB
faud_in = 1 kHz; PO = 550 mW; VDD = 3.6 V
0.1%
faud_in = 1 kHz; PO = 1.25 W; VDD = 5 V
0.1%
THD+N
Total harmonic distortion + noise
faud_in = 1 kHz; PO = 710 mW; VDD = 3.6 V
1%
faud_in = 1 kHz; PO = 1.4 W; VDD = 5 V
1%
NfonF
Output integrated noise
Av = 6 dB
42
µV
NfoA
Output integrated noise
Av = 6 dB floor, A-weighted
30
µV
FR
Frequency response
Av = 6 dB
20
20000
Hz
THD+N = 10%, VDD = 5 V, RL = 8 Ω
1.72
W
THD+N = 10%, VDD = 3.6 V, RL = 8 Ω
880
mW
THD+N = 1%, VDD = 5 V, RL = 8 Ω
1.4
W
Pomax
Maximum output power
THD+N = 1% , VDD = 3.6 V, RL = 8 Ω
710
mW
THD+N = 1% , VDD = 5 V, RL = 4 Ω
2.5
W
THD+N = 10% , VDD = 5 V, RL = 4 Ω
3
W
THD+N = 1%, VDD = 3.6 V, RL = 8 Ω, PO= 0.71 W
91%
η
Efficiency
THD+N = 1%, VDD = 5 V, RL = 8 Ω, PO = 1.4 W
93%
TEST SET-UP FOR GRAPHS
(1)
All measurements were taken with a 1-
µF C
I (unless otherwise noted.)
(2)
A 33-
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k
4.7 nF) is used on each output for the data sheet graphs.
Copyright © 2009, Texas Instruments Incorporated
5
Product Folder Link(s): TPA2018D1


유사한 부품 번호 - TPA2018D1YZFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2018D1YZFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com