전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7050M 데이터시트(PDF) 2 Page - Sanken electric

부품명 SLA7050M
상세설명  2-Phase Unipolar Stepper Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7050M 데이터시트(HTML) 2 Page - Sanken electric

  SLA7050M Datasheet HTML 1Page - Sanken electric SLA7050M Datasheet HTML 2Page - Sanken electric SLA7050M Datasheet HTML 3Page - Sanken electric SLA7050M Datasheet HTML 4Page - Sanken electric SLA7050M Datasheet HTML 5Page - Sanken electric SLA7050M Datasheet HTML 6Page - Sanken electric SLA7050M Datasheet HTML 7Page - Sanken electric SLA7050M Datasheet HTML 8Page - Sanken electric SLA7050M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7050M/7051M/7052M
October 2005
Sanken Electric Co.,Ltd.
I03-002EA-051006
Scope
The present specifications shall apply to Sanken 2 Phase Stepper Motor Driver IC,SLA705xM Series.
The present specifications shall apply to SLA 705xM Series which is performed RoHS instructions.
Lead part solder:Pb free
Inner solder:Lead content >85%
Outline
Type
Hybrid integrated circuit
Structure
Plastic molded (transfer mold)
Applications
To drive a 2 phase stepper motor.
(Full or Half Step. PWM Current Control.)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Remarks
Motor Supply Voltage
VM
46
V
Load Supply Voltage
VS
46
V
Logic Supply Voltage
Vcc
7
V
1.0
SLA7050M
2.0
SLA7051M
Output Current
Io
3.0
A
SLA7052M
Logic Input Voltage
VIN
0.3~Vcc+0.3
V
REF Input Voltage
VREF
0.3~Vcc+0.3
V
Sense Voltage
VRs
2~2
V
Tw<1μS doesn't
contain it.
4
W
at Ta=25℃
Total Device Dissipation
PD
20
W
at Tc=25℃
Junction Temperature
Tj
150
Operating Temperature
Range
Ta
20~85
Storage Temperature Range
Tstg
30~150
2/14


유사한 부품 번호 - SLA7050M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
More results

유사한 설명 - SLA7050M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com