전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7067M 데이터시트(PDF) 4 Page - Sanken electric

부품명 SLA7067M
상세설명  2-Phase Unipolar Stepper Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7067M 데이터시트(HTML) 4 Page - Sanken electric

  SLA7067M Datasheet HTML 1Page - Sanken electric SLA7067M Datasheet HTML 2Page - Sanken electric SLA7067M Datasheet HTML 3Page - Sanken electric SLA7067M Datasheet HTML 4Page - Sanken electric SLA7067M Datasheet HTML 5Page - Sanken electric SLA7067M Datasheet HTML 6Page - Sanken electric SLA7067M Datasheet HTML 7Page - Sanken electric SLA7067M Datasheet HTML 8Page - Sanken electric SLA7067M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7060M/61M/62M/65M/66M/67M
October 2005
.
Sanken Electric Co.,Ltd.
I03-003EA-051006
Electrical Characteristic(continued) (Ta=25°C,VBB =24V,VDD =5V Unless Otherwise Noted.)
Limits
Characteristic
Symbol
Min.
Typ.
Max.
Unit
TestCondition
Sense Voltage
VSENSE
0.95
1.00
1.05
V
VREF=1.0V
at Mode F
SensepinsSinkCurrent
ISENSE
±
10
µA
Mode F
100
%
Mode E
98.1
%
Mode D
95.7
%
Mode C
92.4
%
Mode B
88.2
%
Mode A
83.1
%
Mode 9
77.3
%
Mode 8
70.7
%
Mode 7
63.4
%
Mode 6
55.5
%
Mode 5
47.1
%
Mode 4
38.2
%
Mode 3
29.0
%
Mode 2
19.5
%
StepReferenceCurrentRatio
Mode 1
9.8
%
VSENSE=100%
VREF=0.1~1V
Wake-Uptime
tSE
100
µs
VREF:2.0→1.5V
tpdon
2.0
µs
Clock→Out ON
SwitchingTime
tpdoff
1.5
µs
Clock → Out
OFF
PWMMinimumOnTime
tON(min)
1.8
µs
tOFF1
12
µs
Mode 8~F
tOFF2
9
µs
Mode 4~7
PWMOFFTime
tOFF3
7
µs
Mode 1~3
Note.
Negative current is defined as coming out of the specified pin.
SLA7065M, SLA7066M, and SLA7067M of the item of * sign of StepReference CurrentRatio
are off the subject.
4/18


유사한 부품 번호 - SLA7067M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060MLF210 ALLEGRO-SLA7060MLF210 Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
More results

유사한 설명 - SLA7067M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com