전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6823MP 데이터시트(PDF) 9 Page - Sanken electric

부품명 SMA6823MP
상세설명  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6823MP 데이터시트(HTML) 9 Page - Sanken electric

Back Button SMA6823MP Datasheet HTML 5Page - Sanken electric SMA6823MP Datasheet HTML 6Page - Sanken electric SMA6823MP Datasheet HTML 7Page - Sanken electric SMA6823MP Datasheet HTML 8Page - Sanken electric SMA6823MP Datasheet HTML 9Page - Sanken electric SMA6823MP Datasheet HTML 10Page - Sanken electric SMA6823MP Datasheet HTML 11Page - Sanken electric SMA6823MP Datasheet HTML 12Page - Sanken electric SMA6823MP Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High Voltage 3-Phase Motor Driver
SMA6823MP
9
590
11.5
23.8
X
Tube material: PVC
Maximum 18 pieces per tube
(pins aligned along X direction)
Rubber plug each end
130
185
610
Z
Y
Packing Specification
Leadform 2451
Dimensions in millimeters
Maximum 14 tubes in Y direction
Maximum 4 tubes in Z direction
Maximum pieces per carton:
18 pieces per tube
15 tubes per layer
x
4 layers of tubes
1080 pieces per carton
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


유사한 부품 번호 - SMA6823MP

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6823MH SANKEN-SMA6823MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
SMA6823MH SANKEN-SMA6823MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

유사한 설명 - SMA6823MP

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com