전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-3000ZD 데이터시트(PDF) 2 Page - Sanken electric

부품명 SI-3000ZD
상세설명  Surface-Mount Low Dropout Voltage Linear Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000ZD 데이터시트(HTML) 2 Page - Sanken electric

  SI-3000ZD Datasheet HTML 1Page - Sanken electric SI-3000ZD Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27
ICs
SI-3000ZD Series
■External Dimensions (TO263-5)
(Unit : mm)
Pin Assignment
q VC
w VIN
e GND (Common to the rear side of product)
r VO
t Sense
(ADJ for SI-3011ZD)
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 1.48g
9.9
±0.2
(15
°)
(0.5)
2-R0.3
0.1
10.0
±0.02
3-R0.3
(2
×R0.45)
(R0.3)
(R0.3)
0.88
±0.10
1.5 Dp:
±0.2
φ
(1.7
±0.25
)
12345
(1.7
±0.25
)
(1.7
±0.25
)
(1.7
±0.25
)
0.8
±0.1
0.8
±0.1
4.5
±0.2
1.3
0.10
±0.15
2.4
±0.2
+0.10
–0.05
10.0
±0.2
(4.4)
(8.0)
(3
°)
(3
°)
(3
°)
(3
°)
(3
°)
0~6
°
Case temperature
measurement point
■Block Diagram
CIN: Input capacitor (Approx. 10
µF)
CO: Output capacitor (47
µF or larger)
The output voltage may oscillate if a low ESR type capacitor
(such as a ceramic capacitor) is used for the output capacitor in
the SI-3000ZD Series.
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as shown
at left.
The recommended value for R2 is 10k
Ω or 11kΩ.
R1= (VO–VADJ) / (VADJ/R2)
*: Insert R3 in case of setting VO to VO
≤ 1.8V. The recommended
value for R3 is 10k
Ω.
SI-3011ZD
SI-3033ZD
REF
TSD
Drive
VIN
CIN
VC
ON/
OFF
VO
CO
R1
R2
ADJ
GND
4
-
+
-
+
+
*
R3
2
5
3
1
OCP
AMP1
REF
TSD
Drive
VIN
CIN
ON/
OFF
VO
SENSE
CO
GND
4
-
+
-
+
+
2
5
3
1
OCP
AMP1
VC
■Reference Data
Copper Laminate Area (on Glass-Epoxy Board) vs.
Thermal Resistance (from Junction to Ambient Temperature) (Typical Value)
55
50
45
40
35
30
0
200
400
600
800
1000
Copper Laminate Area (mm2)
1200
1400
1600
1800
When Using Glass-Epoxy Board of 40
× 40 mm
•A higher heat radiation effect can be achieved by enlarging the copper laminate
area connected to the inner frame to which a monolithic IC is mounted.
•Obtaining the junction temperature
Measure GND terminal temperature TC with a thermocouple, etc. Then substitute
this value in the following formula to obtain the junction temperature.
Tj=P
θj–C+TC
PD= (VIN–VO)•IOUT


유사한 부품 번호 - SI-3000ZD

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-3000ZD SANKEN-SI-3000ZD_11 Datasheet
87Kb / 2P
   Surface-Mount, Low Dropout Voltage
More results

유사한 설명 - SI-3000ZD

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3011ZD ALLEGRO-SI-3011ZD Datasheet
60Kb / 2P
   Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3002KWM SANKEN-SI-3002KWM Datasheet
433Kb / 2P
   2-Output Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3000KWM SANKEN-SI-3000KWM_10 Datasheet
43Kb / 2P
   2-Output, Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com