전자부품 데이터시트 검색엔진 |
|
FWLF1524P2V61 데이터시트(PDF) 4 Page - Finisar Corporation. |
|
FWLF1524P2V61 데이터시트(HTML) 4 Page - Finisar Corporation. |
4 / 11 page FWLF1524P2Vxx SFP Product Specification – October 2006 F i n i s a r © Finisar Corporation October 31, 2006 Rev C Preliminary Page 4 IV. Optical Characteristics (TOP = -5 to 75 °C, V CC = 3.13 to 3.50 Volts) Parameter Symbol Min Typ Max Unit Ref. Transmitter Output Opt. Power (Rate Select High) PO,RH 1 +5 dBm 1 Output Opt. Power (Rate Select Low) PO,RL 1 +5 dBm 2 Optical Wavelength λ X-6.5 X X+6.5 nm 3 Spectral Width σ 1 nm 3 Optical Modulation Amplitude OMA 290 µW 4 Optical Extinction Ratio (High Rate Select) ER 4 dB Optical Extinction Ratio (Low Rate Select) ER 9 dB Optical Rise/Fall Time = 4.25 Gb/s tr/ tf 105 ps 5 Optical Rise/Fall Time ≤ 2.125 Gb/s tr/ tf 160 ps 6 RIN -118 dB/Hz Deterministic Jitter Contribution = 4.25 Gb/s TX ∆ DJ 28.2 ps 7 Total Jitter Contribution = 4.25 Gb/s TX ∆ TJ 59.8 ps Deterministic Jitter Contribution ≤ 2.125 Gb/s TX ∆ DJ 56.5 ps 7 Total Jitter Contribution ≤ 2.125 Gb/s TX ∆ TJ 119 ps Receiver Receiver Sensitivity = 4.25 Gb/s RSENSr 0.029 -16.5 mW dBm 8 9 Receiver Sensitivity = 2.125 Gb/s RSENS2 0.015 -20.5 mW dBm 8 9 Receiver Sensitivity = 1.06 Gb/s RSENS1 0.015 -22.0 mW dBm 8 10 Receiver Sensitivity = 1.25 Gb/s RSENS1 -22 dBm 10 Stressed RX sens. = 1.25 Gb/s -14.5 dBm Average Received Power RxMAX 0 dBm Receiver Elec. 3 dB cutoff freq. 1500 MHz 11 Receiver Elec. 3 dB cutoff freq. 2500 MHz 12 Optical Center Wavelength λ C 1450 1620 nm Return Loss 12 dB LOS De-Assert LOSD -19 dBm LOS Assert LOSA -30 dBm LOS Hysteresis 0.5 dB Notes: 1. High Bandwidth Mode. Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations. 2. Low Bandwidth Mode. Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations. 3. Over case temperature of -5 to 75 °C. The Transmitter Center Wavelength “X” is as specified by the customer. The current available wavelengths are: 1471, 1491, 1511, 1531, 1551, 1571, 1591, and 1611 nm. Please see the “Product Selection” section on page 1. 4. Equivalent extinction ratio specification for Fibre Channel. Allows smaller ER at higher average power. 5. Unfiltered, 20-80%. 6. Unfiltered, 20-80%. Complies with IEEE 802.3 (Gig. E), FC 1x and 2x eye masks when filtered. 7. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ and ∆ DJ. 8. Measured with conformance signals defined in FC-PI-2 Rev. 10.0 specifications. Value in OMA. Measured with PRBS 2 7-1 at 10-12 BER 9. Represents sensitivity at minimum Extinction Ratio with rate select high. Measured with PRBS 2 7-1 at 10-12 BER. 10. Represents sensitivity at minimum Extinction Ratio with rate select low. Measured with PRBS 2 7-1 at 10-12 BER 11. Rate Selectable version in low bandwidth mode. 12. Rate Selectable version in high bandwidth mode. |
유사한 부품 번호 - FWLF1524P2V61 |
|
유사한 설명 - FWLF1524P2V61 |