전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWLF1634Ry32 데이터시트(PDF) 5 Page - Finisar Corporation.

부품명 FWLF1634Ry32
상세설명  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634Ry32 데이터시트(HTML) 5 Page - Finisar Corporation.

  FWLF1634Ry32 Datasheet HTML 1Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 2Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 3Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 4Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 5Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 6Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 7Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 8Page - Finisar Corporation. FWLF1634Ry32 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 5
Rev C2, Feb.2009
IV.
Low Speed Signals
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
RX_LOS Assert Level
-42
-36
dBm
RX_LOS De-assert Level
-34
-28
dBm
RX_LOS Hysteresis
0.5
2
dB
RX_LOS Assert Delay
t_loss_on
100
µsec
From detection of loss of signal
to assertion of RX_LOS
RX_LOS Negate Delay
t_loss_off
100
µsec
From detection of presence of
signal to negation of RX_LOS
TX_DISABLE Assert Time
t_off
10
µsec
Rising edge of TX_DISABLE to
fall of output signal below 10%
of nominal
TX_DISABLE Negate Time
t_on
1000
µsec
Falling edge of TX_DISABLE
to rise of output signal above
90% of nominal. Time
indicated is under steady-state
temperature conditions.
TX_DISABLE Reset Time
t_reset
10
µsec
TX_DISABLE HIGH before
TX_DISABLE set LOW
TX_FAULT Assert
-0.2
+0.2
nm
TX_Fault will assert before the
device is outside of specified
wavelength range


유사한 부품 번호 - FWLF1634Ry32

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL18 FINISAR-FWLF1634RL18 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL19 FINISAR-FWLF1634RL19 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RL20 FINISAR-FWLF1634RL20 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

유사한 설명 - FWLF1634Ry32

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com