전자부품 데이터시트 검색엔진 |
|
FWLF1634Ry54 데이터시트(PDF) 8 Page - Finisar Corporation. |
|
FWLF1634Ry54 데이터시트(HTML) 8 Page - Finisar Corporation. |
8 / 10 page FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009 F i n i s a r © Finisar Corporation PRELIMINARY Page 8 Rev C2, Feb.2009 IX. Serial Communication Protocol All Finisar SFPs support the 2-wire serial communication protocol to provide module ID information as outlined in the SFP MSA 1. These SFPs use an Atmel AT24C01A 128 byte E 2PROM with an address of A0h. For details on interfacing with the E2PROM, see the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E 2PROM.”3 Finisar SFPs also support diagnostic features as described in Finisar Applications Note AN- 2030 4 and SFF-84725, “Digital Diagnostic Monitoring Interface for Optical Transceivers”. A controller IC that monitors system parameters such as laser current, module temperature, transmitter power, and received power is accessible at address A2H. In addition, Finisar’s DWDM SFPs provide extended set of ID information and diagnostic features as described in the DWDM SFP MSA 6. I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in the table below. Values in the table represent the worst-case values over temperature, voltage, and life. Parameter Symbol Min Typ Max Units Notes/Conditions I 2C Clock Speed 0 100,000 Hz Bus can be driven blind Accuracy Transceiver Case Temperature DDTemperature -10 +10 °C Measured on the top-side of the module case Transceiver Supply Voltage DDVoltage -3 +3 % Tx Bias Current DDBias -10 +10 % Tx Output Power DDTxPower -2 +2 dB Received Average Power DDRxPower -2 +2 dB Range Transceiver Case Temperature DDTemperature -40 85 °C Transceiver Supply Voltage DDVoltage 3.0 4.0 V Tx Bias Current DDBias 0 90 mA Tx Output Power DDTxPower -5 +10 dBm Received Average Power DDRxPower -30 -7 dBm |
유사한 부품 번호 - FWLF1634Ry54 |
|
유사한 설명 - FWLF1634Ry54 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |