전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM32L278 데이터시트(PDF) 2 Page - Ramtron International Corporation

부품명 FM32L278
상세설명  3V Integrated Processor Companion with Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM32L278 데이터시트(HTML) 2 Page - Ramtron International Corporation

  FM32L278 Datasheet HTML 1Page - Ramtron International Corporation FM32L278 Datasheet HTML 2Page - Ramtron International Corporation FM32L278 Datasheet HTML 3Page - Ramtron International Corporation FM32L278 Datasheet HTML 4Page - Ramtron International Corporation FM32L278 Datasheet HTML 5Page - Ramtron International Corporation FM32L278 Datasheet HTML 6Page - Ramtron International Corporation FM32L278 Datasheet HTML 7Page - Ramtron International Corporation FM32L278 Datasheet HTML 8Page - Ramtron International Corporation FM32L278 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
FM32L278/L276/L274/L272 - 3V I2C Companion
Rev. 3.0
Feb. 2009
Page 2 of 21
Pin Configuration
Pin Name
Function
CNT1, CNT2
Event Counter Inputs
A0, A1
Device Select inputs
PFO
Early Power-Fail Output
/RST
Reset Input/Output
PFI
Early Power-fail Input
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
Base Configuration
Memory Size
Operating Voltage
Reset Threshold
Ordering Part Number
FM32L278
256Kb
2.7-3.6V
2.6V, 2.9V
FM32L278-G
256Kb
2.7-3.6V
2.6V, 2.9V
FM32L278-GTR (tape&reel)
FM32L276
64Kb
2.7-3.6V
2.6V, 2.9V
FM32L276-G
64Kb
2.7-3.6V
2.6V, 2.9V
FM32L276-GTR (tape&reel)
FM32L274
16Kb
2.7-3.6V
2.6V, 2.9V
FM32L274-G
16Kb
2.7-3.6V
2.6V, 2.9V
FM32L274-GTR (tape&reel)
FM32L272
4Kb
2.7-3.6V
2.6V, 2.9V
FM32L272-G
4Kb
2.7-3.6V
2.6V, 2.9V
FM32L272-GTR (tape&reel)
Other memory configurations may be available. Please contact the factory for more information.
VDD
VBAK
SCL
SDA
VSS
NC
NC
PFO
CNT1
PFI
RST
A0
A1
CNT2
1
2
3
4
5
6
7
14
13
12
11
10
9
8


유사한 부품 번호 - FM32L278

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM320 FORMOSA-FM320 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM320 WINNERJOIN-FM320 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM320-A FORMOSA-FM320-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM320-A FORMOSA-FM320-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

유사한 설명 - FM32L278

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com