전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC373 데이터시트(PDF) 4 Page - Wing Shing Computer Components

부품명 74HC373
상세설명  Octal Transparent D-type Latches W ith 3-State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINGS [Wing Shing Computer Components]
홈페이지  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

74HC373 데이터시트(HTML) 4 Page - Wing Shing Computer Components

  74HC373 Datasheet HTML 1Page - Wing Shing Computer Components 74HC373 Datasheet HTML 2Page - Wing Shing Computer Components 74HC373 Datasheet HTML 3Page - Wing Shing Computer Components 74HC373 Datasheet HTML 4Page - Wing Shing Computer Components 74HC373 Datasheet HTML 5Page - Wing Shing Computer Components 74HC373 Datasheet HTML 6Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AC
ELECTRICAL
CHARACTERISTICS
OVER
RECOMMENDED
OPERATING
TEMPERATURE, CL = 150 pF
(unless otherwise specified)
Parameter
From
To
VDD
TA = 25℃
-40 ~ +85
(Input)
(Output)
Min
Typ
Max
Min
Max
Unit
2.0 V
82
200
250
D
Q
4.5V
22
40
50
ns
6.0 V
19
34
43
2.0 V
100
225
285
4.5V
24
45
57
tpd
LE
Any Q
6.0 V
20
38
48
___
2.0 V
90
200
250
ten
OE
Any Q
4.5V
23
40
50
ns
6.0 V
19
34
43
2.0 V
45
210
265
tt
Any Q
4.5V
17
42
53
ns
6.0 V
13
36
45
AC SWITCHING WAVEFORM AND AC TEST CIRCUIT
Voltage Waveforms
Pulse Durations
Voltage Waveforms
Setup & Hold and Input Rise & Fall Times
Voltage Waveforms
Propagation Delay and Output Transition Times
Voltage Waveforms
Enable and Disable Times for 3-State Outputs
tw
50%
50%
50%
50%
Low-Level
Pulse
Vcc
0V
Vcc
0V
High-Level
Pulse
tr
50%
10%
90%
90%
50%
10%
tf
Vcc
0 V
Input
0 V
Input
50%
tsu
Vcc
th
Reference
Data
50%
50%
50%
90%
50%
10%
tPZL
tPLZ
tPHZ
Vcc
0 V
VOL
VOH
≈0 V
tPZH
≈Vcc
Output
Control
(Low-Level
Enabling)
Output
Waveform1
Output
Waveform
2
≈Vcc
tPLH
tr
tPHL
tf
tf
tr
tPHL
tPLH
50%
50%
50%
10%
90%
90%
50%
10%
90%
50%
10%
90%
50%
10%
Input
In-Phase
Output
Out-of-Phase
Output
Vcc
0 V
VOH
VOL
VOH
VOL
WS74HC373


유사한 부품 번호 - 74HC373

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC373 PHILIPS-74HC373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
ON Semiconductor
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
logo
NXP Semiconductors
74HC373 NXP-74HC373 Datasheet
179Kb / 26P
   Octal D-type transparent latch; 3-state
Rev. 5-13 December 2011
logo
Silicon Supplies
74HC373 SS-74HC373 Datasheet
1Mb / 7P
   High Speed CMOS Logic
More results

유사한 설명 - 74HC373

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com