전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB321D-TU 데이터시트(PDF) 14 Page - ATMEL Corporation

부품명 AT45DB321D-TU
상세설명  32-megabit 2.7-volt DataFlash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-TU 데이터시트(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB321D-TU Datasheet HTML 10Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 11Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 12Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 13Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 14Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 15Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 16Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 17Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
3597N–DFLASH–04/09
AT45DB321D
9.1
Sector Protection Register
The nonvolatile Sector Protection Register specifies which sectors are to be protected or unpro-
tected with either the software or hardware controlled protection methods. The Sector Protection
Register contains 64 bytes of data, of which byte locations 0 through 63 contain values that
specify whether sectors 0 through 63 will be protected or unprotected. The Sector Protection
Register is user modifiable and must first be erased before it can be reprogrammed. Table 9-3
illustrates the format of the Sector Protection Register.:
Note:
1. The default value for bytes 0 through 63 when shipped from Atmel is 00H.
x = don’t care.
Table 9-2.
Sector Protection Register
Sector Number
0 (0a, 0b)
1 to 63
Protected
See Table 9-3
FFH
Unprotected
00H
Table 9-3.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Pages 0-7)
(Pages 8-127)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unprotected
00
00
xx
xx
0xH
Protect Sector 0a (Pages 0-7)
11
00
xx
xx
CxH
Protect Sector 0b (Pages 8-127)
00
11
xx
xx
3xH
Protect Sectors 0a (Pages 0-7), 0b
(Pages 8-127)(1)
11
11
xx
xx
FxH


유사한 부품 번호 - AT45DB321D-TU

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT45DB321D-TU ATMEL-AT45DB321D-TU Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321D-TU ATMEL-AT45DB321D-TU Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-Tu ETC2-AT45DB321D-Tu Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D-TU ETC2-AT45DB321D-TU Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

유사한 설명 - AT45DB321D-TU

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com