전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB321D-TU 데이터시트(PDF) 54 Page - ATMEL Corporation

부품명 AT45DB321D-TU
상세설명  32-megabit 2.7-volt DataFlash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-TU 데이터시트(HTML) 54 Page - ATMEL Corporation

Back Button AT45DB321D-TU Datasheet HTML 49Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 50Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 51Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 52Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 53Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 54Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 55Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 56Page - ATMEL Corporation AT45DB321D-TU Datasheet HTML 57Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
54
3597N–DFLASH–04/09
AT45DB321D
27.5 24C1 - Ball Grid Array
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
24C1, 24-ball (5 x 5 Array), 6 x 8 x 1.4 mm Body, 1.0 mm Ball
Pitch Chip-scale Ball Grid Array Package (CBGA)
A
24C1
04/11/01
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
A
B
C
D
E
5
432
1
4.0 (0.157)
1.00 (0.039) REF
0.46 (0.018)
DIA BALL TYP
2.00 (0.079) REF
4.0 (0.157)
8.10(0.319)
7.90(0.311)
1.40 (0.055) MAX
0.30 (0.012)MIN
6.10(0.240)
5.90(0.232)
1.00 (0.0394) BSC
NON-ACCUMULATIVE
A1 ID
1.00 (0.0394) BSC
NON-ACCUMULATIVE
TOP VIEW
SIDE VIEW
BOTTOM VIEW


유사한 부품 번호 - AT45DB321D-TU

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT45DB321D-TU ATMEL-AT45DB321D-TU Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321D-TU ATMEL-AT45DB321D-TU Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-Tu ETC2-AT45DB321D-Tu Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D-TU ETC2-AT45DB321D-TU Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
More results

유사한 설명 - AT45DB321D-TU

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com