전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B0008K7575A00 데이터시트(PDF) 4 Page - Anaren Microwave

부품명 B0008K7575A00
상세설명  Ultra Low Profile 0606 Balun
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0008K7575A00 데이터시트(HTML) 4 Page - Anaren Microwave

  B0008K7575A00 Datasheet HTML 1Page - Anaren Microwave B0008K7575A00 Datasheet HTML 2Page - Anaren Microwave B0008K7575A00 Datasheet HTML 3Page - Anaren Microwave B0008K7575A00 Datasheet HTML 4Page - Anaren Microwave B0008K7575A00 Datasheet HTML 5Page - Anaren Microwave B0008K7575A00 Datasheet HTML 6Page - Anaren Microwave B0008K7575A00 Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model B0008K7575A00
Rev B
Typical Performance (using DC Block in Ruthroff configuration)
B0008K7575A00
Rd
R=75 O
Rs
R=75 O
L_Ruthroff
L=100 nH
Cgnd
C=2000 pF
Cin
C=91 pF
Gnd Pin #1
Unbalanced Pin #2
Balanced Pin #4
Balanced Pin #3
Figure 3 The Balun with an external inductor in a
Ruthroff implementation with an external 100 nH
inductor and DC block to enhance insertion and
return loss. Data is compared to the basic
Guanella configuration (dashed lines). Other
capacitor and inductor values can be used with
different results.


유사한 부품 번호 - B0008K7575A00

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
More results

유사한 설명 - B0008K7575A00

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
BD1722J50100AHF ANAREN-BD1722J50100AHF Datasheet
188Kb / 5P
   Ultra Low Profile 0805 Balun
BD2425J50100AHF ANAREN-BD2425J50100AHF Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun
B0322J5050A00 ANAREN-B0322J5050A00 Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1722J50200AHF ANAREN-BD1722J50200AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun
BD0810J50150AHF ANAREN-BD0810J50150AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425J50200AHF ANAREN-BD2425J50200AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com