전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431A 데이터시트(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

부품명 TL431A
상세설명  Programmable Output Voltage to 40V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTC [HTC Korea TAEJIN Technology Co.]
홈페이지  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431A 데이터시트(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431A Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TL431A Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
2008 – Rev. 1.2
- 8 -
HTC
APPICATION INFORMATION
1.
Shunt Regulator
Note A : R Should provide cathode current 1mA to the TL431 at minimum VI(BATT)
2.
Precision High-Current Series Regulator
Note A : R Should provide cathode current≥1mA to the TL431 at minimum VI(BATT)
3.
Output Control of a Three-Terminal Fixed Regulator


유사한 부품 번호 - TL431A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431A TI1-TL431A Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
Fairchild Semiconductor
TL431A FAIRCHILD-TL431A Datasheet
103Kb / 10P
   Programmable Shunt Regulator
More results

유사한 설명 - TL431A

제조업체부품명데이터시트상세설명
logo
Estek Electronics Co. L...
TL431AM ESTEK-TL431AM Datasheet
94Kb / 3P
   Programmable Output Voltage to 40V CHIP
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
   Programmable output voltage to 36V
logo
AUK corp
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XM AUK-A431XM Datasheet
368Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
Texas Instruments
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Maxim Integrated Produc...
MAX8625AEVKIT MAXIM-MAX8625AEVKIT Datasheet
100Kb / 7P
   Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com