전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21080DIH312Z-TK 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL21080DIH312Z-TK
상세설명  300nA NanoPower Voltage References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080DIH312Z-TK 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL21080DIH312Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 13Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN6934.2
October 14, 2009
FIGURE 9. LOAD TRANSIENT RESPONSE
FIGURE 10. LOAD TRANSIENT RESPONSE
FIGURE 11. DROPOUT
FIGURE 12. TURN-ON TIME
FIGURE 13. ZOUT vs FREQUENCY
FIGURE 14. PSRR vs FREQUENCY
Typical Performance Characteristics Curves V
OUT = 1.5V, VIN = 3.0V, IOUT = 0mA,
TA = +25°C unless otherwise specified.
I
L = 7mA
2ms/DIV
I
L = -7mA
I
L = 50μA
I
L = -50μA
1ms/DIV
1.38
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
7mA LOAD
NO LOAD
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
TIME (ms)
VIN
UNIT 1
UNIT 3
UNIT 2
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
1nF
10nF
100nF
NO LOAD
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
NO LOAD
1nF
10nF
100nF
ISL21080


유사한 부품 번호 - ISL21080DIH312Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21080DIH312Z-TK INTERSIL-ISL21080DIH312Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080DIH312Z-TK INTERSIL-ISL21080DIH312Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
Renesas Technology Corp
ISL21080DIH312Z-TK RENESAS-ISL21080DIH312Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

유사한 설명 - ISL21080DIH312Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com