전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL36111DRZ-TS 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL36111DRZ-TS
상세설명  11.1Gb/s Lane Extender
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36111DRZ-TS 데이터시트(HTML) 8 Page - Intersil Corporation

  ISL36111DRZ-TS Datasheet HTML 1Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 2Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 3Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL36111DRZ-TS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FN6974.0
November 19, 2009
ISL36111
Package Outline Drawing
L16.3x3B
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 4/07
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
9
( 2. 80 TYP )
(
1. 70 )
(4X)
0.15
( 12X 0 . 5 )
( 16X 0 . 60)
( 16X 0 . 23 )
0 . 90 ± 0.1
INDEX AREA
PIN 1
6
A
3.00
B
12
4
4
5
8
16X 0.40 ± 0.10
5
0 . 2 REF
C
0 . 00 MIN.
0 . 05 MAX.
B
C
MA
0.10
C
- 0.05
BASE PLANE
0.10 C
SEE DETAIL "X"
C
0.08
SEATING PLANE
+ 0.07
16X 0.23
16
13
12X
1.5
4X
0.50
1
6
PIN #1 INDEX AREA
1 .70
+ 0.10
- 0.15


유사한 부품 번호 - ISL36111DRZ-TS

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL36111DRZ-TS RENESAS-ISL36111DRZ-TS Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
More results

유사한 설명 - ISL36111DRZ-TS

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com