전자부품 데이터시트 검색엔진 |
|
ISL54409 데이터시트(PDF) 4 Page - Intersil Corporation |
|
ISL54409 데이터시트(HTML) 4 Page - Intersil Corporation |
4 / 13 page 4 FN6983.0 September 25, 2009 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE Tape & Reel (Pb-Free) PKG. DWG. # Coming Soon ISL54409IRTZ-T (Notes 2, 3) 409 -40 to +85 8 Ld 2x2 TDFN L8.2x2C ISL54409IRUZ-T (Notes 2, 4) U2 -40 to +85 10 Ld 1.8x1.4 µTQFN L10.1.8x1.4A Coming Soon ISL54410IRTZ-T (Notes 2, 3) 410 -40 to +85 8 Ld 2x2 TDFN L8.2x2C ISL54410IRUZ-T (Notes 2, 4) U3 -40 to +85 10 Ld 1.8x1.4 µTQFN L10.1.8x1.4A 2. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 5. For Moisture Sensitivity Level (MSL), please see device information page for ISL54409, ISL54410. For more information on MSL please see techbrief TB363. ISL54409, ISL54410 |
유사한 부품 번호 - ISL54409 |
|
유사한 설명 - ISL54409 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |