전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54409IRUZ-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL54409IRUZ-T
상세설명  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409IRUZ-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL54409IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6983.0
September 25, 2009
FIGURE 12. INSERTION LOSS
FIGURE 13. OFF-ISOLATION
FIGURE 14. CROSSTALK
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified (Continued)
FREQUENCY (Hz)
VIN = 0.707 VRMS
RL = 32Ω
0
-0.5
-1.0
-1.5
-2.0
20
200
2k
20k
VDD = 3V
100
500 1k
10k
FREQUENCY (Hz)
20
200
2k
20k
-40
-60
-80
-100
-120
-140
-160
100
500 1k
5k 10k
VIN = 0.2VP-P TO 2VP-P
RL = 32Ω
FREQUENCY (Hz)
VIN = 0.2VP-P TO 2VP-P
RL = 32Ω
20
200
2k
20k
100
500 1k
5k
10k
-40
-60
-80
-100
-120
-140
-160
ISL54409, ISL54410


유사한 부품 번호 - ISL54409IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409IRUZ-T RENESAS-ISL54409IRUZ-T Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results

유사한 설명 - ISL54409IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com