전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32175EIVZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL32175EIVZ
상세설명  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32175EIVZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL32175EIVZ Datasheet HTML 1Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 2Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 3Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 4Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 5Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 6Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 7Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 8Page - Intersil Corporation ISL32175EIVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN7529.0
November 19, 2009
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
FUNCTION
DATA
RATE
(Mbps)
HOT
PLUG?
VL
SUPPLY
PIN?
Rx ENABLE
TYPE
MAX. TOTAL
SUPPLY
CURRENT
(mA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL32173E
4 Rx
80
YES
NO
EN, EN
15
YES
16
ISL32175E
4 Rx
80
YES
NO
EN12, EN34
15
YES
16
ISL32177E
4 Rx
80
YES
YES
INDIVIDUAL AND GROUP
ENABLES
15
YES
24
ISL32273E
4 Rx
20
YES
NO
EN, EN
5.5
YES
16
ISL32275E
4 Rx
20
YES
NO
EN12, EN34
5.5
YES
16
ISL32277E
4 Rx
20
YES
YES
INDIVIDUAL AND GROUP
ENABLES
5.5
YES
24
Pin Configurations
ISL32173E, ISL32273E
(16 LD N-SOIC, 16 LD TSSOP)
TOP VIEWS
ISL32175E, ISL32275E
(16 LD N-SOIC, 16 LD TSSOP)
TOP VIEWS
ISL32177E
, ISL32277E
(24 LD QFN)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B1
A1
RO1
EN
RO2
A2
GND
B2
VCC
A4
RO4
EN
RO3
A3
B3
B4
R
R
R
R
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B1
A1
RO1
EN12
RO2
A2
GND
B2
VCC
A4
RO4
EN34
RO3
A3
B3
B4
R
R
R
R
RO1
EN1
EN2
EN
NC
RO2
RO4
EN4
EN3
EN
NC
RO3
1
2
3
4
5
6
18
17
16
15
14
13
24 23 22 21 20 19
789
10 11 12
R
R
R
R
PAD
(GND)
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


유사한 부품 번호 - ISL32175EIVZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32175EIVZ RENESAS-ISL32175EIVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

유사한 설명 - ISL32175EIVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com