전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0801LCN 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC0801LCN
상세설명  8-Bit 關P Compatible A/D Converters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0801LCN 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC0801LCN Datasheet HTML 7Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 8Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 9Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 10Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 11Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 12Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 13Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 14Page - National Semiconductor (TI) ADC0801LCN Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Typical Applications (Continued)
Self-Clocking in Free-Running Mode
DS005671-65
*After power-up, a momentary grounding of the WR input is needed to
guarantee operation.
µP Interface for Free-Running A/D
DS005671-66
Operating with “Automotive” Ratiometric Transducers
DS005671-67
*VIN(−)=0.15 VCC
15% of VCC≤VXDR≤85% of VCC
Ratiometric with V
REF/2 Forced
DS005671-68
µP Compatible Differential-Input Comparator with Pre-Set V
OS (with or without Hysteresis)
DS005671-69
*See
Figure 5 to select R value
DB7=“1” for VIN(+)>VIN(−)+(VREF/2)
Omit circuitry within the dotted area if
hysteresis is not needed
www.national.com
11


유사한 부품 번호 - ADC0801LCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0801LCN NSC-ADC0801LCN Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
logo
Texas Instruments
ADC0801LCN TI-ADC0801LCN Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
ADC0801LCN/NOPB TI-ADC0801LCN/NOPB Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
More results

유사한 설명 - ADC0801LCN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0801-N TI1-ADC0801-N Datasheet
1Mb / 43P
[Old version datasheet]   ADC0801/ADC0802/ADC0803/ADC0804/ADC0805 8-Bit 關P Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com