전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2596TVADJG 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LM2596TVADJG
상세설명  3.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2596TVADJG 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LM2596TVADJG Datasheet HTML 3Page - ON Semiconductor LM2596TVADJG Datasheet HTML 4Page - ON Semiconductor LM2596TVADJG Datasheet HTML 5Page - ON Semiconductor LM2596TVADJG Datasheet HTML 6Page - ON Semiconductor LM2596TVADJG Datasheet HTML 7Page - ON Semiconductor LM2596TVADJG Datasheet HTML 8Page - ON Semiconductor LM2596TVADJG Datasheet HTML 9Page - ON Semiconductor LM2596TVADJG Datasheet HTML 10Page - ON Semiconductor LM2596TVADJG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM2596
http://onsemi.com
7
2.0 A
0
0
A
B
C
100
ms/div
2
ms/div
Figure 13. Switching Waveforms
Figure 14. Load Transient Response
Vout = 5 V
A: Output Pin Voltage, 10 V/div
B: Switch Current, 2.0 A/div
C: Inductor Current, 2.0 A/div, AC−Coupled
D: Output Ripple Voltage, 50 mV/div, AC−Coupled
Horizontal Time Base: 5.0 ms/div
10 V
0
4.0 A
2.0 A
100 mV
Output
Voltage
Change
0
3.0 A
2.0 A
1.0 A
0
4.0 A
- 100 mV
Load
Current
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)
D
Figure 15. Typical Test Circuit
D1
1N5822
L1
33
mH
Output
2
4
Feedback
Cout
220
mF
Cin
100
mF
LM2596
1
5
3ON/OFF
GND
Vin
Load
Vout
5,000 V
Adjustable Output Voltage Versions
Vout + Vref 1.0 )
R2
R1
R2
+ R1
Vout
V
ref
1.0
Where Vref = 1.23 V, R1
between 1.0 k and 5.0 k
R2
R1
8.5 V - 40 V
Unregulated
DC Input
CFF


유사한 부품 번호 - LM2596TVADJG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2596TVADJG ONSEMI-LM2596TVADJG Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results

유사한 설명 - LM2596TVADJG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com