전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA12B-H4GY-PF 데이터시트(PDF) 8 Page - LIGITEK electronics co., ltd.

부품명 LA12B-H4GY-PF
상세설명  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA12B-H4GY-PF 데이터시트(HTML) 8 Page - LIGITEK electronics co., ltd.

  LA12B-H4GY-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA12B-H4GY-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
The purpose of this test is the resistance
of the device under tropical for hours.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solder Resistance
Test
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
Low Temperature
Storage Test
High Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Test Item
Reliability Test:
Test Condition
Description
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA12B/H4GY-PF
Page 7/7


유사한 부품 번호 - LA12B-H4GY-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA12B-1-8G4I-S1 LIGITEK-LA12B-1-8G4I-S1 Datasheet
80Kb / 6P
   LED ARRAY
LA12B-12G-PF LIGITEK-LA12B-12G-PF Datasheet
124Kb / 6P
   LED ARRAY
LA12B-12H LIGITEK-LA12B-12H Datasheet
72Kb / 5P
   LED ARRAY
LA12B-2H5G1H LIGITEK-LA12B-2H5G1H Datasheet
80Kb / 6P
   LED ARRAY
LA12B-2H5G3X LIGITEK-LA12B-2H5G3X Datasheet
80Kb / 6P
   LED ARRAY
More results

유사한 설명 - LA12B-H4GY-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com