전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA73B-1-3G-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LA73B-1-3G-PF
상세설명  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA73B-1-3G-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA73B-1-3G-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA73B-1-3G-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA73B-1-3G-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA73B-1-3G-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA73B-1-3G-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA73B-1-3G-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LG2640-1/H-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LA73B-1/3G-PF
Package Dimensions
PART NO.
1/5
Page
25.0MIN
3.1
2.9
0.5
TYP
2.54TYP
1.0MIN
1.5MAX
4.3
3.3
+
-
+ -
7.15
±0.5
9.65
±0.5
4.65
±0.5
ψ2.9X3
5.08
2.5
0.5
TYP
G
2.54
±0.25
4.0
±0.5
G
G
4.4
15.3
11.6
2.4
±0.5
1.5


유사한 부품 번호 - LA73B-1-3G-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA73B-1-3G-3-PF LIGITEK-LA73B-1-3G-3-PF Datasheet
108Kb / 6P
   LED ARRAY
LA73B-1-3G-S11-PF LIGITEK-LA73B-1-3G-S11-PF Datasheet
112Kb / 6P
   LED ARRAY
LA73B-1-3G-S2-PF LIGITEK-LA73B-1-3G-S2-PF Datasheet
108Kb / 6P
   LED ARRAY
LA73B-1-3G-S7-PF LIGITEK-LA73B-1-3G-S7-PF Datasheet
108Kb / 6P
   LED ARRAY
More results

유사한 설명 - LA73B-1-3G-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com