전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA92B-2EG-1 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LA92B-2EG-1
상세설명  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA92B-2EG-1 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA92B-2EG-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA92B-2EG-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA92B-2EG-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA92B-2EG-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA92B-2EG-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA92B-2EG-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.CATHODE RED
13
2
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without not
ice.
LEG2692/R1
0.5
TYP
18.0MIN
2.54TYP
2.54TYP
2.0MIN
2.0MIN
1
2
3
23
1
1.5
MAX
6.45
±0.5
E
G
4.3
3.3
3.1
2.9
-+
-
PART NO. LA92B/2EG-1
Package Dimensions
Page 1/5
5.08
9.65
2.54
±0.5
2.54TYP
2.54TYP
5.08
±0.5
1.CATHODE GREEN
2.COMMON ANODE
G
E
3.3
±0.3
0.5
TYP 1
2
3
11.72
±0.5
7.0
9.02
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.9
1.CATHODE GREEN
2.COMMON ANODE
3.CATHODE RED
2.3


유사한 부품 번호 - LA92B-2EG-1

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA92B-2EG-2 LIGITEK-LA92B-2EG-2 Datasheet
81Kb / 6P
   LED ARRAY
LA92B-2EG-2-AS-PF LIGITEK-LA92B-2EG-2-AS-PF Datasheet
233Kb / 7P
   LED ARRAY
LA92B-2EG-2-PF LIGITEK-LA92B-2EG-2-PF Datasheet
157Kb / 8P
   LED ARRAY
LA92B-2EG-PF LIGITEK-LA92B-2EG-PF Datasheet
122Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA92B-2EG-1

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com