전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA112B-1-YG.G-1 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LA112B-1-YG.G-1
상세설명  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA112B-1-YG.G-1 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA112B-1-YG.G-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA112B-1-YG.G-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA112B-1-YG.G-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA112B-1-YG.G-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA112B-1-YG.G-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA112B-1-YG.G-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note : 1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Package Dimensions
PART NO. LA112B-1/YG.G-1
Page 1/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LG2340-1
+ -
G
Y
LYG2362
1
2
G
25.0MIN
3.0
1.0MIN
□0.5
TYP
2.54TYP
1.5MAX
5.0
6.99±0.5
4.45±0.5
2.54TYP
+
-
YG
9.6
5.0
3.0
2.5
3.2±0.5
0.5
TYP
G
2.5±0.3
4.3
8.2
2
1
1
+
-
G
2
G
Y
1
2


유사한 부품 번호 - LA112B-1-YG.G-1

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA112B-1-2G LIGITEK-LA112B-1-2G Datasheet
101Kb / 5P
   LED ARRAY
LA112B-1-G.EG LIGITEK-LA112B-1-G.EG Datasheet
115Kb / 6P
   LED ARRAY
LA112B-1-GH LIGITEK-LA112B-1-GH Datasheet
140Kb / 6P
   LED ARRAY
LA112B-1-GX LIGITEK-LA112B-1-GX Datasheet
102Kb / 5P
   LED ARRAY
More results

유사한 설명 - LA112B-1-YG.G-1

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com