전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2011D1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2011D1
상세설명  3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2011D1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA2011D1 Datasheet HTML 2Page - Texas Instruments TPA2011D1 Datasheet HTML 3Page - Texas Instruments TPA2011D1 Datasheet HTML 4Page - Texas Instruments TPA2011D1 Datasheet HTML 5Page - Texas Instruments TPA2011D1 Datasheet HTML 6Page - Texas Instruments TPA2011D1 Datasheet HTML 7Page - Texas Instruments TPA2011D1 Datasheet HTML 8Page - Texas Instruments TPA2011D1 Datasheet HTML 9Page - Texas Instruments TPA2011D1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PO − Output Power − W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 4 Ω + 33 µH
Gain = 6 dB
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
0.5
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
RL = 8 Ω + 33 µH
Gain = 6 dB
VDD − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.00
1.25
1.50
1.75
2.00
RL = No Load
RL = 8 Ω + 33 µH
RL = 4 Ω + 33 µH
Gain = 6 dB
VEN − EN Voltage − V
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
Gain = 6 dB
RL − Load Resistance − Ω
4
8
12
16
20
24
28
32
0
1
2
3
4
5
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
THD+N = 10 %
Frequency = 1 kHz
Gain = 6 dB
RL − Load Resistance − Ω
4
8
12
16
20
24
28
32
0
1
2
3
4
VDD = 2.5 V
VDD = 3.6 V
VDD = 5.0 V
THD+N = 1 %
Frequency = 1 kHz
Gain = 6 dB
TPA2011D1
SLOS626 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VDD = 3.6 V, CI = 0.1 μF, CS1 = 0.1 μF, CS2 = 10 μF, TA = 25°C, RL = 8 Ω (unless otherwise noted)
SUPPLY CURRENT vs
SUPPLY CURRENT vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
SUPPLY CURRENT vs
SUPPLY CURRENT vs
SUPPLY VOLTAGE
EN VOLTAGE
Figure 7.
Figure 8.
OUTPUT POWER vs
OUTPUT POWER vs
LOAD RESISTANCE
LOAD RESISTANCE
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA2011D1


유사한 부품 번호 - TPA2011D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFT TI1-TPA2011D1YFFT Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
More results

유사한 설명 - TPA2011D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com