전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA112B-SEFVY.VG-PF 데이터시트(PDF) 3 Page - LIGITEK electronics co., ltd.

부품명 LA112B-SEFVY.VG-PF
상세설명  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA112B-SEFVY.VG-PF 데이터시트(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA112B-SEFVY.VG-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA112B-SEFVY.VG-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
---
Peak
wave
length
λPnm
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
MATERIAL
PART NO
AlGaInP
LA112B/SEFVY.VG-PF
Orange
Emitted
Lens
COLOR
Storage Temperature
Operating Temperature
Tstg
Topr
PD
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
ESD
Ir
Peak Forward Current
Duty 1/10@10KHz
Forward Current
IFP
IF
Parameter
Symbol
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Dominant
wave
length
λDnm
605
17
550
300
2.6
50
Typ.
Max. Min.
-30 ~ +100
-20~ +80
Page 2/7
mW
100
----
50
V
μA
120
30
mA
mA
VG
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LA112B/SEFVY.VG-PF
SEF
50
90
120
10
2000
---
590
20
2.6
160 220
50
Min.
1.7
1.7
10
75
60
30
VY
2000
AlGaInP
Yellow
Green
Green Diffused
White Diffused
GaP
565
30
1.7
2.6
50
90
50


유사한 부품 번호 - LA112B-SEFVY.VG-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA112B-SEFVY.DGM-PF LIGITEK-LA112B-SEFVY.DGM-PF Datasheet
139Kb / 8P
   LED ARRAY
More results

유사한 설명 - LA112B-SEFVY.VG-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com