전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G104V1-T01 데이터시트(PDF) 6 Page - AZ Displays

부품명 G104V1-T01
상세설명  TFT LCD Approval Specification
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

G104V1-T01 데이터시트(HTML) 6 Page - AZ Displays

Back Button G104V1-T01 Datasheet HTML 2Page - AZ Displays G104V1-T01 Datasheet HTML 3Page - AZ Displays G104V1-T01 Datasheet HTML 4Page - AZ Displays G104V1-T01 Datasheet HTML 5Page - AZ Displays G104V1-T01 Datasheet HTML 6Page - AZ Displays G104V1-T01 Datasheet HTML 7Page - AZ Displays G104V1-T01 Datasheet HTML 8Page - AZ Displays G104V1-T01 Datasheet HTML 9Page - AZ Displays G104V1-T01 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Doc. No.:
Issued Date : Aug.9.2006
Model No :G104V1-T01
Approval
6 / 26
Version 2.1
2. ABSOLUTE MAXIMUM RATINGS
2.1 ABSOLUTE RATINGS OF ENVIRONMENT
No.
Test Item
Test Condition
Note
1
High Temperature Storage Test
80℃, 240 hours
2
Low Temperature Storage Test
-20℃, 240 hours
3
Thermal Shock Storage Test
-20℃, 0.5hour←→80℃, 0.5hour; 100cycles, 1hour/cycle
4
High Temperature Operation Test
70℃, 240 hours
5
Low Temperature Operation Test
-20℃, 240 hours
6
High Temperature & High Humidity
Operation Test
60℃, RH 90%, 240hours
7
Heat Cycle Operation Test
-20℃, 1hour←→70℃, 1hour; 50cycles, 4hour/cycle
(1) (2)
8
ESD Test (Operation)
150pF, 330Ω, 1sec/cycle
Condition 1 : panel contact, ±8KV
Condition 2 : panel non-contact ±15KV
(2)
9
Shock (Non-Operating)
220G, 2ms, half sine wave, 1 time for ± X, ± Y, ± Z.
(2)(3)
10
Vibration (Non-Operating)
1.5G, 10 ~ 300 Hz, 10min/cycle, 3 cycles each X, Y, Z
(2)(3)
Note (1) Temperature and relative humidity range is shown in the figure below.
(a) 90 %RH Max. (Ta ≦ 40 ºC).
(b) Wet-bulb temperature should be 39 ºC Max. (Ta > 40 ºC).
(c) No condensation.
Note (2) No display malfunctions.
Note (3) At testing Vibration and Shock, the fixture in holding the module has to be hard and rigid enough
so that the module would not be twisted or bent by the fixture.
Note (4) The temperature of panel display surface area should be 80 ºC Max.


유사한 부품 번호 - G104V1-T01

제조업체부품명데이터시트상세설명
logo
AU Optronics Corp.,
G104VN01V0 AUO-G104VN01V0 Datasheet
331Kb / 24P
   10.4 Inch Color TFT-LCD
More results

유사한 설명 - G104V1-T01

제조업체부품명데이터시트상세설명
logo
AZ Displays
G104X1-L01 AZDISPLAYS-G104X1-L01 Datasheet
750Kb / 26P
   TFT LCD Approval Specification
G133I1-L02 AZDISPLAYS-G133I1-L02 Datasheet
667Kb / 27P
   TFT LCD Approval Specification
logo
Chi Mei Corporation.
M215H1-L01 CHIMEI-M215H1-L01 Datasheet
615Kb / 28P
   TFT LCD Approval Specification
logo
AZ Displays
G150X1-L01 AZDISPLAYS-G150X1-L01 Datasheet
612Kb / 27P
   TFT LCD Approval Specification
logo
Chi Mei Corporation.
M220Z1-L10 CHIMEI-M220Z1-L10 Datasheet
551Kb / 26P
   TFT LCD Approval Specification
logo
AZ Displays
G121S1-L01 AZDISPLAYS-G121S1-L01 Datasheet
825Kb / 26P
   TFT LCD Approval Specification
G121X1-L01 AZDISPLAYS-G121X1-L01 Datasheet
807Kb / 26P
   TFT LCD Approval Specification
G154I1-L01 AZDISPLAYS-G154I1-L01 Datasheet
636Kb / 26P
   TFT LCD Approval Specification
G150X1-L02 AZDISPLAYS-G150X1-L02 Datasheet
612Kb / 27P
   TFT LCD Approval Specification
logo
Chi Mei Corporation.
M190A1-L07 CHIMEI-M190A1-L07 Datasheet
687Kb / 25P
   TFT LCD Approval Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com